Part Number Hot Search : 
PHE850 EA87FL30 2SC5964 FMMT723 NC7WZ08 2305318 0A60T WD1935A
Product Description
Full Text Search
 

To Download VO207AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vo205at, vo206at, VO207AT, vo208at www.vishay.com vishay semiconductors rev. 1.2, 22-nov-12 1 document number: 81957 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, with base connection in soic-8 package description the vo205at, vo206at, vo207 at, vo208at are optically coupled pairs with a gallium arsenide infrared led and a silicon npn phototransistor. signal information, including a dc level, can be tr ansmitted by the device while maintaining a high degree of electrical isolation between input and output. this family comes in a standard soic-8a small outline package for surface mounting which makes them ideally suited for high density application with limited space. features ?high bv ceo , 70 v ? isolation test voltage, 4000 v rms ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 agency approvals ? ul1577, file no. e52744 system code y ? cul - file no. e52744, equivalent to csa bulletin 5a ? din en 60747-5-5 (vde 0884-5) approved, contact customer service if this option is required note ? stresses in excess of the abso lute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. i179002-1 1 2 3 4 a k nc nc 8 7 6 5 nc b c e v de i179074 ordering information vo2 0 #at part number agency certified/package ctr (%) ul, cul 40 to 80 63 to 125 100 to 200 160 to 320 soic-8 vo205at vo206at VO207AT vo208at absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input peak reverse voltage v r 6v forward continuous current i f 60 ma peak forward current 1 s, 300 pps i fm 1a power dissipation p diss 90 mw derate linearly from 25 c 1.2 mw/c output collector emitter breakdown voltage bv ceo 70 v emitter collector breakdown voltage bv eco 7v collector-base breakdown voltage bv cbo 70 v i cmax. dc i cmax. dc 50 ma i cmax. t < 1 ms i cmax. 100 ma power dissipation p diss 150 mw derate linearly from 25 c 2mw/c coupler isolation test voltage v iso 4000 v rms total package dissipation (led and detector) p tot 240 mw derate linearly from 25 c 3.3 mw/c operating temperature t amb - 40 to + 100 c storage temperature t stg - 40 to + 150 c soldering time at 260 c t sld 10 s s ioc-8 6.1 mm
vo205at, vo206at, VO207AT, vo208at www.vishay.com vishay semiconductors rev. 1.2, 22-nov-12 2 document number: 81957 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? minimum and maximum values were tested requierements. typical va lues are characteristics of the device and are the result of e ngineering evaluations. typical values are for information only and are not part of the testing requirements. fig. 1 switching test circuit electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit input forward voltage i f = 10 ma v f 1.3 1.5 v reverse current v r = 6 v i r 0.1 100 a capacitance v r = 0 v c o 13 pf output collector emitter breakdown voltage i c = 100 a bv ceo 70 v emitter collector breakdown voltage i e = 10 a bv eco 710 v collector base breakdown voltage i c = 100 a bv cbo 100 v collector base current i cbo 1na emitter base current i ebo 1na collector emitter leakage current v ce = 10 v i ceo 550na saturation voltage, collector emitter i c = 2 ma, i f = 10 ma v cesat 0.4 v coupler capacitance, input to output c io 0.5 pf current transfer ratio parameter test condition part symbol min. typ. max. unit i c /i f i f = 10 ma, v ce = 5 v vo205at ctr 40 80 % vo206at ctr 63 125 % VO207AT ctr 100 200 % vo208at ctr 160 320 % switching characteristics parameter test condition part symbol min. typ. max. unit turn-on time i c = 2 ma, r l = 100 , v cc = 10 v t on 3s turn-off time i c = 2 ma, r l = 100 , v cc = 10 v t off 3s rise time i c = 2 ma, r l = 100 , v cc = 10 v t r 3s fall time i c = 2 ma, r l = 100 , v cc = 10 v t f 2s iil215at_17 v cc = 5 v input v out r l t fall 10 % 50 % 90 % t off t on t rise output input 10 % 50 % 90 % v 0 0
vo205at, vo206at, VO207AT, vo208at www.vishay.com vishay semiconductors rev. 1.2, 22-nov-12 3 document number: 81957 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - test circuit for common mode transient immunity note ? as per iec 60747-5-2, 7.4.3.8.1, this optoco upler is suitable fo r safe electrical in sulation only within the safety ratings . compliance with the safety ratings shall be ensured by means of protective circuits. common mode transient immunity parameter test condition symbol min. typ. max. unit common mode transient immunity at logic high v cm = 1000 v p-p , r l = 1 k , i f = 0 ma |c mh | 5000 v/s common mode transient immunity at logic low v cm = 1000 v p-p , r l = 1 k , i f = 10 ma |c ml | 5000 v/s safety and insulation ratings parameter test condition symbol min. typ. max. unit climatic classification (according to iec 68 part 1) 40/100/21 polution degree 2 comparative tracking index cti 175 399 isolation test voltage 1 s v iso 4000 v rms peak transient overvoltage v iotm 6000 v peak insulation voltage v iorm 560 v resistance (input to output) r io 100 g safety rating - power output p so 350 mw safety rating - input current i si 150 ma safety rating - temperature t si 165 c external creepage distance 4 mm external clearance distance 4 mm internal creepage distance 3.3 mm insulation thickness 0.2 mm r f v b = 4.5 v 2, 3, 4 1 b a 7 6 5 r l 1 k v o 5 vdc 0.1 f v cm input from hv pulse source + - 21627 dt dt dv = 63 % of v cm dv = 63 % of v cm common mode voltage v cm 2.0 v 2.0 v v o v o cm h cm l 0.8 v 0.8 v time 21626
vo205at, vo206at, VO207AT, vo208at www.vishay.com vishay semiconductors rev. 1.2, 22-nov-12 4 document number: 81957 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 2 - forward voltage vs. forward current fig. 3 - normalized non- saturated and saturated ctr ce vs. led current fig. 4 - collector emitter current vs. led current fig. 5 - normalized collector- base photocurrent vs. led current fig. 6 - normalized collector- base photocurrent vs. led current fig. 7 - collector base photocurrent vs. led current i205at_01 0.1 1 10 100 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 v f - forward voltage (v) i f - forward current (ma) t a = 25 c t a = 85 c t a = - 55 c i205at_02 0.1 1 10 100 normalized to: v ce = 10 v i f = 10 ma 1.5 1.0 0.5 0 v ce = 5 v v ce = 0.4 v i f - led current (ma) nctr ce - normalized ctr ce i205at_03 0.1 1 10 100 i f - led current (ma) i ce - collector emitter current (ma) v ce = 0.4 v v ce = 10 v 150 100 50 0 i205at_04 0.1 1 10 100 i f - led current (ma) ni cb - normalized (i cb ) normalized to: v cb = 9.3 v i f = 1 ma 100 10 1 0.1 i205at_05 0.1 1 10 100 i f - led current (ma) ni cb - normalized (i cb ) normalized to: v cb = 9.3 v i f = 10 ma 10 1 0.1 0.01 i205at_06 i f - led current (ma) i cb - collector base current (a) v cb = 9.3 v 1000 100 10 1 0.1 0.1 1 10 100
vo205at, vo206at, VO207AT, vo208at www.vishay.com vishay semiconductors rev. 1.2, 22-nov-12 5 document number: 81957 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters package marking (example of VO207AT) tape and reel packaging dimensions in millimeters fig. 8 - tape and reel shipping medium (eia-481, revision a, an d iec 60286), 2000 units per reel fig. 9 - tape dimens ions, 2000 parts per reel i178003 40 7 pin one id 5 max. iso method a 0.91 0.36 4.32 1.14 6.6 r 0.13 1.27 6.10 1.27 typ. 0.41 0.1 0.2 lead coplanarity 0.04 max. 0.20 3.05 0.13 c l r 0.25 max. 0.53 3.91 0.13 0.38 0.05 4.88 0.13 0.51 0.10 2 places 1.49 0.13 3.18 0.13 207a v yww y 68 esd sticker tape slot in core 330 (13") regular, special or bar code label 17999 18003-1 embossment direction of feed center lines of cavity 10 pitch cumulative tolerance on tape 0.2 1.5 min. 1.5 1.75 0.1 pin 1 and top of component top cover tape 0.1 max. 12.0 0.3 4 0.1 2 0.05 8.0 0.1 3.78 0.35 9.2 6.4 5.25 5.5
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VO207AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X